Part Number Hot Search : 
T0816 BCM5365P 222MA BUXD87T 1005F XXX0C TPA240 UPD3798
Product Description
Full Text Search
 

To Download CDRH6D26NP-3R6NC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power inductors type: cdrh6d26 please refer to the sales offices on our website fo r a representative near you www.sumida.com 1/2 product description ? 7.07.0mm max.(lw ) , 2.8mm max. height. ? inductance range: 2.2 100 h. ? rated current range: 0.5 3.2a. ? in addition to the standards versions shown here, custom inductors are also available to meet your ex act requirements. feature ? magnetically shielded construction. ? storage temperature range: -40 +100 . ? operating temperature range: -40 +100 (including coils self temperature rise). ? ideally used in mobile phone, mp3, pda ,hdd,dsc/dvc , etc as dc-dc converter inductors. ? rohs compliance and halogen free. dimensions (mm) land pattern (mm) 6.70.3 6 . 7 0 . 3 2.8 max. 6 .5 6 . 5 2 . 0 (2.6) 5 . 4 9 . 5 m a x . electrode terminal 7.3 2 . 6 5 2 . 0 2 . 6 5
power inductors type: cdrh6d26 please refer to the sales offices on our website fo r a representative near you www.sumida.com 2/2 specification part name stamp inductance h 10khz/1v d.c.r.( ) max. (typ.) (at 20 ) rated current (a) 1 cdrh6d26np-2r2n 2r2 2.2 30% 22m(16.2m) 3.20 cdrh6d26np-2r9n 2r9 2.9 30% 25m(18.7m) 2.80 cdrh6d26np-3r6n 3r6 3.6 30% 29m(21.3m) 2.50 cdrh6d26np-5r0n 5r0 5.0 30% 32m(23.4m) 2.20 cdrh6d26np-5r6n 5r6 5.6 30% 36m(26.5m) 2.00 cdrh6d26np-6r8n 6r8 6.8 30% 54m(40.0m) 1.80 cdrh6d26np-8r0n 8r0 8.0 30% 60m(44.0m) 1.60 cdrh6d26np-100n 100 10 30% 71m(52.8m) 1.50 cdrh6d26np-120n 120 12 30% 78m(57.4m) 1.30 cdrh6d26np-150n 150 15 30% 106m(78.6m) 1.20 cdrh6d26np-180n 180 18 30% 114m(84.2m) 1.10 cdrh6d26np-220n 220 22 30% 129m(95.4m) 1.00 cdrh6d26np-270n 270 27 30% 185m(136.6m) 0.90 cdrh6d26np-330n 330 33 30% 203m(150.2m) 0.80 cdrh6d26np-390n 390 39 30% 223m(165.2m) 0.75 cdrh6d26np-470n 470 47 30% 300m(221.6m) 0.70 cdrh6d26np-560n 560 56 30% 340m(251.4m) 0.65 cdrh6d26np-680n 680 68 30% 375m(278.4m) 0.58 cdrh6d26np-820n 820 82 30% 490m(364.0m) 0.53 cdrh6d26np-101n 101 100 30% 560m(414.8m) 0.50 description of part name cdrh6d26np-2r2n 1 rated current: the dc current at which the induct ance decreases to 65% of it's nominal value or when t=30 , whichever is lower(ta=20 ). b box c carrier tape


▲Up To Search▲   

 
Price & Availability of CDRH6D26NP-3R6NC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X